Part Number Hot Search : 
IRFM150 BCM56580 SMBJ2 H21A3 0F201 PMD16K60 MPC9990 20N60F
Product Description
Full Text Search
 

To Download MBR3060CGD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr30 4 0c g d ~mbr30 20 0c g d 30 a mperes schottky barrier rectifiers f eatures ? plastic package has underwriters laboratory flammability classification 94v - 0 . flame retardant epoxy molding compound. ? m etal silicon junction, majority carrier conduction ? low power loss, high efficiency. ? high current capability ? for use in low voltage, high frequency inverters free wheeling, and polarlity protection applications. ? lead free in comply with eu rohs 2011/65/eu directives m echanical data ? case: to -2 6 3 ab mol ded plastic ? t erminals: solder plated, solderable per mil - std - 750, method 2026 ? polarity: as marked. ? mounting position: any ma ximum ratings and electrical characteristics r atings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% voltage 4 0 to 20 0 volts curre nt 30 a mperes pa rameter symbol m b r 3040cgd mb r 3045cgd mb r 3050cgd mb r 3060cgd mbr 3080cgd mb r 3090cgd mb r 30100cgd mbr 30150cgd mb r 30200cgd un its maximum recurrent peak reverse voltage v rrm 40 45 50 60 80 90 100 150 200 v maximum rms voltage v rms 28 31.5 35 42 56 63 70 105 140 v maximum dc blocking voltage v dc 40 45 50 60 80 90 100 150 200 v maximum average forward current i f (av) 30 a p eak forward surge current j 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fs m 2 0 0 a m aximum forward voltage at 15a per leg v f 0 .7 0 . 8 0 . 8 5 0 . 92 v ma ximum dc reverse current at rated dc blocking voltage t j =2 5 o c t j =1 25 o c i r 0. 05 20 ma typical thermal resistance r jc 1. 4 o c / w operating junction and storage temperature range t j ,t st g o c - 5 5 to + 1 5 0 - 5 5 to + 175 ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1
rating and characteristic curves fig.1- for ward current derating curve fig.2- maximum non-repetitive surge current peak forward surge current, amperes no. of cycle at 60hz 200 175 150 125 100 75 50 25 0 1 2 5 10 20 50 100 250 225 fig.3- typical reverse characteristic 0 10 1.0 0.1 0.01 .001 20 0 40 60 80 100 instantaneous reverse current, ma percent of instantaneous reverse voltage, % tc=125 c o o tc=75 c o tc=25 c fig.4- typical instantaneous forward characteristic instantaneous forward current , amperes 40 10 8 6 4 2 1.0 0 .8 0 .6 0 .4 0 .2 0 .1 40-45v 50-60v 80-100v 150-200v instantaneous forward voltage, volts o lead temperature, c 50 40 20 0 10 30 average forward rectified current amperes 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 0 20 40 60 80 100 120 140 160 180 40 -100 v 150 -200v resistive or inductive load mbr30 4 0c g d ~mbr30 20 0c g d ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1


▲Up To Search▲   

 
Price & Availability of MBR3060CGD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X